PART |
Description |
Maker |
MAX6362 MAX6361-MAX6364 MAX6363LUT31-T MAX6361LUT3 |
2.38 V, SOT23, low-power, mP supervisory circuit with battery backup 4.50 V, SOT23, low-power, mP supervisory circuit with battery backup 3.15 V, SOT23, low-power, mP supervisory circuit with battery backup 3.00 V, SOT23, low-power, mP supervisory circuit with battery backup 2.70 V, SOT23, low-power, mP supervisory circuit with battery backup " SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup" From old datasheet system Analog IC 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
ADM692 ADM693 ADM694 ADM690 ADM695 ADM690-ADM695 A |
Microprocessor Supervisory Circuits(283.09 k) 微处理器监控电路83.09十一 P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.4V Threshold Voltage, Active Low Reset and 100mA Output Current P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.4V Threshold Voltage, 100mA Output Current P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.65V Threshold Voltage, Active Low Reset and 100mA Output Current Functions: 4.65 V Reset, Battery Switchover, Watchdog Timer, Power Fail Input Microprocessor Supervisory Circuits 微处理器监控电路 Microprocessor Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, CDIP8 µP Supervisor with Backup Battery Switchover, Adjustable Reset Period; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO16
|
Intersil, Corp. Molex, Inc. Analog Devices, Inc.
|
MAX16040LLA29T MAX16040LLA26T MAX16040LLA23T MAX16 |
Low-Power Battery Backup Circuits in Small レDFN Packages 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, DSO8 Low-Power Battery Backup Circuits in Small µDFN Packages 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, DSO10 Low-Power Battery Backup Circuits in Small µDFN Packages 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, DSO8 Low-Power Battery Backup Circuits in Small ??FN Packages
|
Maxim Integrated Products, Inc. AMIC Technology, Corp. MAXIM INTEGRATED PRODUCTS INC
|
6027733 6027728 6027731 6027732 6027736 6027735 60 |
SOT23, Low-Power µP Supervisory Circuits with Battery Backup and Chip-Enable Gating WARNBAKE BLINK XENON BERNSTEIN 24V AC/DC WARNBAKE BLINK XENON TRANSP 24V AC/DC WARNBAKE BLINK XENON GRUEN 24V AC/DC SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup SOT23, Low-Power µP Supervisory Circuits with Battery Backup and Chip-Enable Gating GLUEHLAMPE 12V
|
Cooper Hand Tools
|
ASM690A ASM690ACPA ASM690ACPAF ASM690ACSA ASM690AC |
μP Power Supply Supervisor With Battery Backup Switch 楼矛P Power Supply Supervisor With Battery Backup Switch
|
PulseCore Semiconductor
|
LA5621V LA5621M LA5620 LA5619 LA5621 LA5622 |
Rechargeable Battery Charge Control ICs: Lithium-ion battery charger control IC Lithium-Ion Battery Charge Control IC Monolithic Linear IC
|
Sanyo Semicon Device
|
MAX16040PLA46_ MAX16033 MAX16033LLB23_T MAX16033LL |
Low-Power Battery Backup Circuits in Small レDFN Packages
|
MAXIM[Maxim Integrated Products]
|
LTC4052-4.2 LTC4052EMS8E-4.2 LTC4052EMS8E-4.2TR LT |
1A Lithium-Ion Battery Pulse Charger with Overcurrent Protection Lithium-Ion Battery Pulse Charger with Overcurrent Protection; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp.
|
TC70 TC70COA TC70CPA TC70EOA TC70EPA TC71COA TC71C |
MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
|
TelCom Semiconductor, Inc. TELCOM[TelCom Semiconductor, Inc]
|